|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SBD GSQ0 A04 T y p e : GSQ05A04 OULINE DRAWING FEATURES *Similar to TO-220AC Case *Low Forward Voltage Drop *Low Power Loss,High Efficiency *High Surge Capability *Tj=150 C operation Maximum Ratings Rating Repetitive Peak Reverse Voltage Average Rectified Output Current RMS Forward Current Surge Forward Current Operating JunctionTemperature Range Storage Temperature Range Mounting torque Approx Net Weight: 1.85g Symbol VRRM IO IF(RMS) IFSM Tjw Tstg Ftor 120 5 GSQ05A04 40 50 Hz half Sine Wave Tc=122C Resistive Load 7.85 50Hz Half Sine Wave ,1cycle Non-repetitive -40 to +150 -40 to +150 recommended torque = 0.5 Unit V A A A C C N*m Electrical * Thermal Characteristics Characteristics Peak Reverse Current Peak Forward Voltage Thermal Resistance Symbol Conditions Min. Typ. Max. 5 0.55 5 Unit mA V C /W IRM Tj= 25C, VRM= VRRM VFM Tj= 25C, IFM= 5 A Rth(j-c) Junction to Case GSQ05A04 OUTLINE DRAWING (Dimention in mm) |
Price & Availability of GSQ05A04 |